Part Number Hot Search : 
BUT11 SMI5027 C3216X7R Y7C10 E0026 DC12V 17N60 NTXV1
Product Description
Full Text Search
 

To Download 046515252FAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  couplers 5 fax: +44 (0)1992 509890 53
54 tel: +44 (0)1992 509888 5 composite jaw couplers (series fs) sizes 052 - 085 l2 2.0 mm max l3 bore b d max sizes 032 - 037 l1 2.0 mm max features ?low mass ?freedom from corrosion ?good damping properties ?low cost ?reduced noise ?design flexibility the huco fs series is a 3-part, general purpose coupler produced in 6 sizes. an advanced, high strength plastic composite is used for the hubs to produce a durable, light weight coupler suited to a wide range of industrial applications. simple to install, the fs coupler accommodates incidental shaft offsets, absorbs shock loads and damps small amplitude vibrations. it is impervious to moisture grease and oil and can operate in the temperature range -50? to +120?. a range of popular bore diameters, keywayed to iso 773/774 (bs 4235), are standard in each size of coupler. where quantities can justify a modest investment in tooling, bores can be moulded to customer's specification. the production process readily allows economic manufacture of non-circular bores. to suit varying operating conditions, the central drive element can be specified in any of 3 standard materials. to gain the maximum flexibility afforded by the 3-part construction, hubs and elements are specified individually. standard hubs are supplied with matching steel key. order code size standard bores b max d maxl1l2l3 set screw fsh.032.30 fsh.032.32 fsh.032.33 fsh.032.35 fsh.037.38 fsh.037.40 fsh.037.42 fsh.037.46 fsh.052.38 fsh.052.40 fsh.052.42 fsh.052.46 fsh.052.48 fsh.052.51 fsh.056.42 fsh.056.46 fsh.056.48 fsh.056.51 fsh.056.52 fsh.056.54 fsh.066.46 fsh.066.48 fsh.066.51 fsh.066.52 fsh.066.54 fsh.066.56 fsh.066.58 hubs 032 9 12 32 42 15.0 7 m4 032 10 12 32 42 15.0 7 m4 032 11 12 32 42 15.1 7 m4 032 12 12 32 42 15.2 7 m4 037 14 19 37 53 19.5 9 m4 037 15 19 37 53 19.5 9 m4 037 16 19 37 53 19.5 9 m4 037 19 19 37 53 19.5 9 m4 052 14 24 52 54 21.0 9 m5 052 15 24 52 54 21.0 9 m5 052 16 24 52 54 21.0 9 m5 052 19 24 52 54 21.0 9 m5 052 20 24 52 54 21.0 9 m5 052 24 24 52 54 21.0 9 m5 056 16 28 56 64 25.5 11 m5 056 19 28 56 64 25.5 11 m5 056 20 28 56 64 25.5 11 m5 056 24 28 56 64 25.5 11 m5 056 25 28 56 64 25.5 11 m5 056 28 28 56 64 25.5 11 m5 066 19 32 66 89 35.0 16 m6 066 20 32 66 89 35.0 16 m6 066 24 32 66 89 35.0 16 m6 066 25 32 66 89 35.0 16 m6 066 28 32 66 89 35.0 16 m6 066 30 32 66 89 35.0 16 m6 066 32 32 66 89 35.0 16 m6
white material colour nitrile urethane hytrel black blue 55d shore hardness 80a max. speed (rev/min 1000) fsh.085.52 fsh.085.54 fsh.085.56 fsh.085.58 fsh.085.60 fsh.085.61 fsh.085.63 fsh.085.65 55 fax: +44 (0)1992 509890 5 for complete coupler, select matching hubs + element from the table below. sizes 052 - 085 l2 2.0 mm max l3 bore b d max sizes 032 - 037 l1 2.0 mm max composite jaw couplers (series fs) hubs (continued) order code running torque nm elements material colour operating temp range ? maximum misalignment angular deg. parallell mm characteristics nitrile urethane hytrel black 40 to 100 1 1 1/2 0.38 0.38 0.38 90a soft, good damping qualities general purpose, abrasion resistant hard, high load capacity 35 to 70 50 to 70 blue white element characteristics 085 25 42 85 108 43.0 20 m6 085 28 42 85 108 43.0 20 m6 085 30 42 85 108 43.0 20 m6 085 32 42 85 108 43.0 20 m6 085 35 42 85 108 43.0 20 m6 085 38 42 85 108 43.0 20 m6 085 40 42 85 108 43.0 20 m6 085 42 42 85 108 43.0 20 m6 order code size standard bores b max d maxl1l2l3 set screw fse.032.n fse.037.n fse.052.n fse.056.n fse.066.n fse.085.n fse.032.u fse.037.u fse.052.u fse.056.u fse.066.u fse.085.u fse.032.h fse.037.h fse.052.h fse.056.h fse.066.h fse.085.h 3.51 5.77 11.94 25.80 55.44 105.31 5.27 8.66 17.91 38.70 83.16 157.97 7.02 11.54 23.88 51.60 110.88 173.76 18 14 11 9 7 5 18 14 11 9 7 5 18 14 11 9 7 5
composite jaw couplers (series fs) 56 tel: +44 (0)1992 509888 5 table 2 : temperature factor driven load sf uniform load 1.0 moderate shock 1.5 heavy shock 2.0 temperature ctf 0 40 1.0 40 80 1.25 80 120 1.5 selection procedure 1. determine service factor (sf) from table 1 and temperature factor (tf) from table 2. 2. multiply the power of the prime mover - pm(kw) - by sf and tf to determine the design power - p(kw). design power p = pm sf tf 3. select a suitable element material, and enter the appropriate section of table 3 with the rev/min, then read across until a power equal to or greater than the design power is found. the coupler size is given at the head of the column. 4. for intermediate speeds, the coupler size is determined by consideration of the maximum torque capacity of the coupler which varies according to the type of element selected. given the design power p(kw) and the speed n(rev/min) the torque t(nm) is given by: t = 9550 p n note: the torque figures given are the maximum for normal running. fs couplers have capacity to meet normal starting torque requirements in addition. table 1 : service factor table 3 : design power ratings kw element material size speed rev/min 100 speed rev/min 720 speed rev/min 960 speed rev/min 1440 speed rev/min 2880 speed rev/min 3600 1.32 2.17 4.51 9.73 20.91 39.71 1.98 3.26 6.77 14.60 31.37 59.57 2.64 4.34 9.02 19.46 41.82 65.52 nitrile hytrel urethane 032 037 052 056 066 085 032 037 052 056 066 085 032 037 052 056 066 085 0.04 0.06 0.13 0.27 0.58 1.10 0.06 0.09 0.20 0.40 0.87 1.65 0.08 0.12 0.26 0.54 1.16 1.82 0.26 0.43 0.90 1.95 4.18 7.94 0.39 0.65 1.35 2.93 6.27 11.91 0.52 0.86 1.80 3.90 8.36 13.10 0.35 0.58 1.20 2.59 5.58 10.59 0.53 0.87 1.80 3.88 8.37 15.88 0.70 1.16 2.40 5.18 11.16 17.47 0.53 0.87 1.80 3.89 8.36 15.88 0.80 1.31 2.70 5.84 12.54 23.83 1.06 1.74 3.60 7.78 16.72 26.20 1.05 1.73 3.61 7.78 16.73 31.77 1.58 2.60 5.42 11.67 25.10 47.66 2.10 3.46 7.22 15.56 33.46 52.40
size 57 fax: +44 (0)1992 509890 5 d d1 d l l a a d* l r w l h exceptional flexibility compact design outstanding resistance to acids, alkilis, solvents, oils, greases, ozone operating temperature range 40 c to +100 c tough double-loop elastomeric element made from hytrel zinc plated steel hubs p-flex couplers order code bore dia. d1 max bore d1 max dia. d length l hub height h fastener weight (g) max torque (1) nm max torque (2) nm max angular misalignment max radial misalignment max axial displacement 047 101 414 047 102 222 047 102 828 047 202 828 047 203 232 047 203 535 047 303 535 047 303 838 047 403 838 047 404 242 (1) maximum torque at maximum displacement (2) maximum torque at displacement 1 angular, 2mm axial, 0.5mm radial other bore sizes available to order hytrel is a registered trade mark of dupont size 10 radial misalignment angular misalignment extension compression axial displacement sizes 20, 30, 40 10 3 8 26 28 7.9 m3 25 0.5 0.8 10 2.6 4.5 10 6 8 26 28 7.9 m3 25 0.5 0.8 10 2.6 4.5 10 8 8 26 28 7.9 m3 25 0.5 0.8 10 2.6 4.5 20 8 12 48 48 12.7 m4 92 1.8 3 15 3.2 7.5 20 10 12 48 48 12.7 m4 92 1.8 3 15 3.2 7.5 20 12 12 48 48 12.7 m4 92 1.8 3 15 3.2 7.5 30 12 16 54 58 15.9 m5 124 5 8 15 3.2 8.5 30 14 16 54 58 15.9 m5 124 5 8 15 3.2 8.5 40 14 16 54 61 15.9 m6 136 10 18 15 3.2 11 40 16 16 54 61 15.9 m6 136 10 18 15 3.2 11
58 tel: +44 (0)1992 509888 5 gear couplers (series nsg) huco nylon sleeve gear (nsg) couplers are compact and efficient units capable of transmitting a high level of torque relative to their size and weight. the couplers operate silently, are electrically isolating and maintenance free. they are marginally shock absorbent and easily installed in confined spaces. also directly interchangeable with some other makes. features high torque capability angular, parallel and longitudinal shaft misalignment maintenance free easy assembly compact, lightweight design with low inertia nsg couplers consist of two identical steel hubs with double crowned teeth which engage in a moulded polyamide sleeve to provide a double cardan coupling. the tooth form in combination with the moulded nylon sleeve allows angular and parallel misalignment of the two shafts, in addition to which the hubs are free to move longitudinally to accommodate end float. performance 1 angular misalignment capability 1mm longitudinal displacement up to 0.7mm parallel misalignment capability the.couplers are suitable for full load operation at temperatures ranging from 25 c to 100 c using a standard nylon sleeve, and special sleeves are available for operating in temperatures up to 125 c. friction between the mating teeth of the sleeve and hub is minimised by the smooth surface finish. the large tooth contact area also provides low contact pressure, reducing stress under misalignment conditions, and the load is distributed near the centre of the tooth for maximum strength. selection for even running applications eg. electric motor drives, select a coupler with a nominal kw/rpm rating which equates to that of the prime mover. for other drives, eg. gearbox outputs i.c. engines, positive displacement pumps or compressors, consider start-up loads, impact loads and normal running loads and resolve each to a torque value. in general: 1. nominal torque ratings allow for 82 c ambient, full misalignment and/or maximum rpm. 2. starting torque and braking loads should not exceed listed maximum torque. 3. intermittent, transient peak loads should not exceed three times nominal torque. 4. applications with uniform loading, well aligned shafts and low speeds will allow for operation at maximum torque levels. torque nm kw/1000 rpm max max misalignment moment coupler rpm compensation of size nominal max nominal max 000 parallel angular axial inertia weight per hub kgcm* kg** 14/40 10 20 1.0 2.1 14 0.3 0.24 0.18 19/48 15 30 1.6 3.1 11.8 0.3 0.47 0.27 24/52 21 42 2.2 4.4 10.5 0.4 0.93 0.36 28/66 45 90 4.7 9.4 8.5 0.4 3.09 0.82 32/76 60 120 6.3 12.6 7.6 0.4 1 1 5.48 1.45 38/83 81 162 8.5 17.0 6.7 0.4 8.68 1.82 42/92 100 200 10.5 20.9 6.0 0.4 14.28 2.00 48/100 142 285 14.9 29.8 5.6 0.4 18.34 2.45 65/140 380 760 39.8 79.6 4.0 0.6 109.57 8.50 80/175 700 1400 73.3 146.6 3.1 0.7 400.00 18.60 *values apply to maximum bore without keyway. ** values apply to hubs with pilot bores.
with keyway without keyway max bore dia h7 11 16 19 24 28 32 38 42 48 14 19 24 28 32 38 42 48 65 80 59 fax: +44 (0)1992 509890 5 gear couplers (series nsg) standard pilot bored couplers custom bored couplers supplied to order to order dimensions are as for standard pilot bored couplers. 1. use order codes as for standard pilot bored couplers. add one bore diameter if specifying hubs only. add both bore diameters if specifying complete couplers even when both bores are the same. 2. specify your requirement for keyways, fasteners and fastener position. 3. if no keyways or fasteners are required, please state. *dimensions with coupler correctly installed. d1 d2 l1 l2 l4 l4 l2 l5 l3 pilot bore p keyways to bs4235 part 1. size d1 d2 l1* l2 l3* l4 l5 nom. p no. of teeth hub only order code sleeve only order code complete coupler order code 40 25 48 20 8 5.5 37 4.57 20 48 32 53 22 9 8.0 37 9.35 24 52 36 56 22 12 7.5 41 9.35 28 66 44 84 36 12 19.0 46 6.17 34 76 50 84 36 12 18.0 48 11.94 40 83 58 84 36 12 18.0 48 10.92 44 92 65 88 38 12 19.0 50 10.92 50 100 68 104 46 12 27.0 50 10.92 50 140 96 145 70 5 35.6 72 12.70 42 175 124 186 90 6 46.5 93 25.00 46 14/40 19/48 24/52 28/66 32/76 38/83 42/92 48/100 65/140 80/175 425.14040.0000 425.19048.0000 425.24052.0000 425.28066.0000 425.32076.0000 425.38083.0000 425.42092.0000 425.48100.0000 425.65140.0000 425.80175.0000 423.14040 423.19048 423.24052 423.28066 423.32076 423.38083 423.42092 423.48100 423.65140 423.80175 420.14040.00 420.19048.00 420.24052.00 420.28066.00 420.32076.00 420.38083.00 420.42092.00 420.48100.00 420.65140.00 420.80175.00
3.0 0.8 2.5 0.6 1.5 0.4 1.0 0.2 0.5 2.0 0.8 1.5 0.6 1.0 0.4 0.5 0.2 0.5 1.5 0.8 1.0 0.6 1.0 0.4 0.5 0.2 1.0 1.0 0.8 1.0 0.6 1.0 0.4 0.5 0.2 1.0 1.0 0.8 1.0 0.6 0.5 0.4 0.5 0.2 1.5 1.0 0.8 0.5 0.6 0.5 0.4 1.5 0.29 0.58 0.003 0.006 10 0.04 2.9 5.8 0.03 0.06 9 0.13 15 30 0.15 0.3 7 0.33 39 78 0.4 0.8 5 0.58 118 236 1.2 2.4 4 1.5 245 490 3 6 3 2.0 1/035 2/050 3/065 4/080 5/110 6/140 1/035 2/050 3/065 4/080 5/110 6/140 2-piece jaw couplers 60 tel: +44 (0)1992 509888 5 the huco 2-piece jaw coupler is moulded in polyamide. the bores are sleeved with an insert-moulded aluminium extrusion, keyed to resist turning. there is an all-plastics option on the smaller sizes. features easily installed angular, parallel & longitudinal compliance corrosion resistant ideal for blind assembly low inertia electrically isolating non-magnetic economic the two-piece plastics construction offers simplicity of installation and ready connection of two sub-assemblies. the couplers will run submerged in most liquids and are reasonable tolerant of polluted environments. a 2-piece jaw coupler functions without an intermediary plastics or elastomer insert. clearances between adjacent jaws permit relative lateral movement sufficient to compensate for nominal misalignment between shafts. as a result the two halves plug together without hindrance, generate low bearing loads in operation and readily accommodate shaft end float. intended primarily for uni-directional loads, these couplers are suitable for both horizontal and vertical drive applications in ambient temperatures ranging 25 c to +80 c. under these conditions and when operating within their rated values, the couplers will have a trouble-free life which can be improved with a once-only initial application of oil or grease. ambient temperatures up to +100 c can be sustained for short periods. selection for even running applications e.g. electric motor drives, select a coupler with a nominal kw/rpm rating which equates to that of the prime mover. for other drives, e.g. gearbox outputs, i.c. engines, positive displacement pumps or compressors, consider start-up loads, impact loads and normal running loads and resolve each to a torque value. in general: 1. select a nominal torque value that exceeds the normal running torque. 2. starting torque and braking loads should not exceed listed maximum torque. 3. intermittent, transient peak loads should not exceed three times nominal torque. 4. applications with uniform loading, well aligned shafts and low speeds will allow for operation at maximum torque levels.. performance *values apply to couplers with pilot bores. up to 3 angular misalignment capability up to 0.8mm parallel misalignment capability up to 1.5mm axial displacement size nom angular size up to 500 rpm up to 1500 rpm up to 3000 rpm over 3000 rpm misalignment compensation parallel angular parallel angular parallel angular parallel axial torque nm max nom kw/100 rpm max max rpm 000 weight kg*
2-piece jaw couplers 61 fax: +44 (0)1992 509890 5 with keyway without keyway max bore b with fastening screw h7 13 20 23 30 32 standard pilot bored couplers custom bored couplers supplied to order to order dimensions are as for standard pilot bored couplers. 1. use order codes as for couplers with pilot bores and state both bore diameters even when both bores are the same. note minimum and maximum permissible diameters. 2. keyways to bs4235 part 1 with tapped holes positioned over keyway. specify if required. * without aluminium insert ? dimensions with coupler correctly installed. order code size +0 0.20 bore b d1 d2 l1 ? l2 l3 ? l4 535204220212 650356230219 650356230219 865458340325 12 80 55 103 50 3 34 15 110 70 164 80 4 62 20 140 80 164 80 4 58 1/035 2/050 2/050 3/065 4/080 5/110 6/140 343.035.2020* 343.050.2222* 344.050.2222 344.065.2828 344.080.3535 344.110.4040 344.140.4848 l1 l2 l2 l4 l3 d1 d2 b standard pilot bore 10* 18* 18 24 30 38 40
zero/low backlash rated up to 3530 nm torque choice of 3 polyurethane elements aluminium or cast iron hubs for complete coupler, order 2 hubs + 1 element. hubs are supplied un-bored or pilot bored as indicated but can be bored (and keywayed) to customers specifications. please call huco sales for more details. clamp style hubs also available to order in aluminium. 62 tel: +44 (0)1992 509888 5 flexible jaw couplers c ij b k a e e d hub type a hub type b g f k a d g f h e e h *miniature version hubs a and b are interchangeable miniature type order code size hub type pilot bore bore a b c d e f g h gmh.14 gmh.20 gmh.30 miniature hubs, material : aluminium gmh.81.00 gmh.95.00 gmh.105.00 gmh.120.00 gmh.135.00 gmh.160.00 gmh.200.00 hubs, material : cast iron size blue - soft order code white - standard order code red - hard order code elements 14 20 30 40 55 65 80 95 105 120 135 160 200 gme.14.b gme.20.b gme.30.b gme.40.b gme.55.b gme.65.b gme.80.b gme.95.b gme.105.b gme.120.b gme.135.b gme.160.b gme.200.b gme.14.w gme.20.w gme.30.w gme.40.w gme.55.w gme.65.w gme.80.w gme.95.w gme.105.w gme.120.w gme.135.w gme.160.w gme.200.w gme.14.r gme.20.r gme.30.r gme.40.r gme.55.r gme.65.r gme.80.r gme.95.r gme.105.r gme.120.r gme.135.r gme.160.r gme.200.r size max angular misalignment (deg. min) max parallel misalignment max axial displacement misalignment 14* 20* 30* 40* 40 55 65 80 95 105 120 135 160 200 2 2 2 2 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 0.1 0.15 0.2 0.4 0.4 0.7 1.0 1.0 1.0 1.3 1.3 1.3 1.7 1.7 1.2 1.5 1.5 1.8 2.0 2.1 2.3 2.6 3.0 3.5 order code size hub type pilot bore max bore a b c d e f g h i j k gmh.40.00 gmh.55.00 gmh.65.00 gmh.80.00 hubs, material : aluminium 14 miniature 714 22 6.0 20 miniature 920 30 8.0 30 miniature 14 30 34 10.0 40 a unbored 16 40 32 40 66 25 16 2.0 12.0 20 18 55 b unbored 32 55 47 78 30 18 2.0 14.0 26 27 65 b unbored 38 65 63 90 35 20 2.5 15.0 29 30 80 b unbored 45 80 76 114 45 24 3.0 18.0 39 38 order code size hub type pilot bore max bore a b c d e f g h i j k 80 b unbored 45 80 77 114 45 24 3 18 37 38 95 a unbored 42 95 75 126 50 26 3 20 40 46 105 a unbored 48 105 85 140 56 28 3.5 21 45 51 120 a unbored 55 120 98 160 65 30 4 22 52 60 135 a unbored 65 135 115 185 75 35 4.5 26 61 68 160 a unbored 75 160 135 210 85 40 5 30 69 80 200 a 30 90 200 160 245 100 45 5.5 33.9 81 100
flexible jaw couplers uniform load 1.0 intermittent load 2.0 reversing load 4.0 sf 63 fax: +44 (0)1992 509890 5 14 20 30 40 55 65 80 95 105 120 135 160 200 0 40 1.0 40 80 1.25 80 120 4.0 running torque nm gm flexible jaw couplers utilise the flexibility and resilience of a polyurethane element between aluminium or cast iron hubs. this combination allows high torque to be transmitted with little or no backlash, even where there is significant angular and/or parallel shaft misalignment. a unique concave pocket in each hub eliminates edge pressure, giving the element exceptional wear resistance and long service life. polyurethane elements are available with three hardness levels; hard, standard and soft which exhibit different operating characteristics as shown in table 1. other features of polyurethane elements are: resistance to oils, grease and many solvents. good atmospheric and chemical resistance. excellent shock and vibration damping. operating temperature 40 c to 100 c (short duration max temp. 120 c) selection procedure 1. determine service factor (sf) from table 2 and temperature factor (tf) from table 3. 2. multiply the power of the prime mover - pm(kw) - by sf and tf to determine the design power - p(kw). design power p = pm sf tf 3. select a suitable element material, and enter the appropriate section of table 4 with the rev/min, then read across until a power equal to or greater than the design power is found. the coupler size is given at the head of the column. 4. for intermediate speeds, the coupler size is determined by consideration of the maximum torque capacity of the coupler which varies according to the type of element selected. refer to table 1. given the design power p(kw) and the speed n(rev/min) the torque t(nm) is given by: t = 9550 p n table 4 : design power ratings kw 0.7 2 4 5 17 46 93 130 150 180 205 475 1.5 3 7 10 35 95 190 260 305 375 420 955 2400 2 5 12 17 60 160 320 440 515 615 630 1430 3530 40000 28000 19000 14000 10600 8500 7100 6000 5600 4750 4250 3550 3550 size speed rev/min 100 720 960 1440 2880 3600 100 720 960 1440 2880 3600 100 720 960 1440 2880 3600 blue white red 0.05 0.37 0.50 0.75 1.50 1.87 0.10 0.74 0.99 1.48 2.96 3.70 0.17 1.26 1.68 2.52 5.04 6.30 0.36 2.60 3.46 5.19 10.38 12.98 0.61 4.43 5.90 8.85 17.71 22.13 0.98 7.02 9.36 14.04 28.09 35.11 1.64 11.83 15.78 23.66 47.33 59.16 1.95 14.04 18.73 28.09 56.18 70.22 3.33 24.00 32.00 48.01 96.01 120.02 2.72 19.58 26.10 39.15 78.31 97.89 4.61 33.20 44.26 66.39 132.78 165.98 3.19 22.98 30.64 45.96 91.93 114.91 5.39 38.81 51.75 77.63 155.25 194.07 3.90 28.09 37.45 56.18 112.36 140.45 6.41 46.18 61.57 92.35 184.71 230.88 4.37 31.49 41.99 62.99 125.98 157.47 6.57 47.28 63.04 94.57 189.13 236.42 10.00 72.01 96.01 144.02 288.04 360.05 15.01 108.10 144.13 216.20 432.40 540.50 25.06 180.45 240.60 360.90 721.80 902.25 36.94 266.00 354.66 531.99 1063.98 1329.98 0.18 1.28 1.70 2.55 5.11 6.39 0.48 3.46 4.62 6.93 13.86 17.32 0.97 7.01 9.34 14.01 28.02 35.03 1.36 9.80 13.06 19.59 39.19 48.99 1.57 11.30 15.07 22.61 45.21 56.52 1.88 13.56 18.08 27.12 54.24 67.80 2.14 15.44 20.59 30.88 61.76 77.20 4.97 35.78 47.71 71.57 143.13 178.92 40 55 65 80 95 105 120 135 160 200 blue element soft 80 shore a white element standard 92 shore a red element hard 98 shore a max speed rev/min table 1 : torque ratings driven load table 2 : service factors tf temperature c table 3 : temperature factor
64 tel: +44 (0)1992 509888 5 rigid couplers do not score the shaft precision honed bore easy installation & adjustment one-piece couplers have superior holding power and maintain alignment. supplied with four clamping screws. order code type material bores (d) a bores (d) bdl forged clamp screw bore tolerance +0.051mm / 0mm other sizes available to special order l bore b d d bore a one-piece steel 6 6 17 30 m3 8 one-piece steel 8 8 19 30 m3 8 one-piece steel 10 10 25 35 m4 12 one-piece steel 12 12 28 45 m4 12 one-piece steel 14 14 33 50 m5 16 one-piece steel 15 15 33 50 m5 16 one-piece steel 16 16 33 50 m5 16 one-piece steel 20 20 40 65 m6 16 one-piece steel 25 25 45 65 m6 16 one-piece steel 30 30 50 75 m6 16 one-piece steel 35 35 55 80 m6 16 one-piece steel 40 40 60 90 m6 16 one-piece steel 50 50 80 120 m8 25 one-piece stainless steel 6 6 17 30 m3 8 one-piece stainless steel 8 8 19 30 m3 8 one-piece stainless steel 10 10 25 35 m4 12 one-piece stainless steel 12 12 28 45 m4 12 one-piece stainless steel 14 14 33 50 m5 16 one-piece stainless steel 15 15 33 50 m5 16 one-piece stainless steel 16 16 33 50 m5 16 one-piece stainless steel 20 20 40 65 m6 16 one-piece stainless steel 25 25 45 65 m6 16 one-piece stainless steel 30 30 50 75 m6 16 one-piece stainless steel 35 35 55 80 m6 16 one-piece stainless steel 40 40 60 90 m6 16 one-piece stainless steel 50 50 80 120 m8 25 046 501 006 046 501 008 046 501 010 046 501 012 046 501 014 046 501 015 046 501 016 046 501 020 046 501 025 046 501 030 046 501 035 046 501 040 046 501 050 046 502 006 046 502 008 046 502 010 046 502 012 046 502 014 046 502 015 046 502 016 046 502 020 046 502 025 046 502 030 046 502 035 046 502 040 046 502 050
65 fax: +44 (0)1992 509890 5 order code type material bores (d) a bores (d) bdl forged clamp screw bore tolerance +0.051mm / 0mm other sizes available to special order two-piece steel 6 6 17 30 m3 8 two-piece steel 8 8 19 30 m3 8 two-piece steel 10 10 25 35 m4 12 two-piece steel 12 12 28 45 m4 12 two-piece steel 14 14 33 50 m5 16 two-piece steel 15 15 33 50 m5 16 two-piece steel 16 16 33 50 m5 16 two-piece steel 20 20 40 65 m6 16 two-piece steel 25 25 45 65 m6 16 two-piece steel 30 30 50 75 m6 16 two-piece steel 35 35 55 80 m6 16 two-piece steel 40 40 60 90 m6 16 two-piece steel 50 50 18 120 m8 25 two-piece stainless steel 6 6 17 30 m3 8 two-piece stainless steel 8 8 19 30 m3 8 two-piece stainless steel 10 10 25 35 m4 12 two-piece stainless steel 12 12 28 45 m4 12 two-piece stainless steel 14 14 33 50 m5 16 two-piece stainless steel 15 15 33 50 m5 16 two-piece stainless steel 16 16 33 50 m5 16 two-piece stainless steel 20 20 40 65 m6 16 two-piece stainless steel 25 25 45 65 m6 16 two-piece stainless steel 30 30 50 75 m6 16 two-piece stainless steel 35 35 55 80 m6 16 two-piece stainless steel 40 40 60 90 m6 16 two-piece stainless steel 50 50 80 120 m8 25 046 601 006 046 601 008 046 601 010 046 601 012 046 601 014 046 601 015 046 601 016 046 601 020 046 601 025 046 601 030 046 601 035 046 601 040 046 601 050 046 602 006 046 602 008 046 602 010 046 602 012 046 602 014 046 602 015 046 602 016 046 602 020 046 602 025 046 602 030 046 602 035 046 602 040 046 602 050 do not score the shaft precision honed bore easy installation & adjustment split, two-piece couplers can be installed and removed without machine disassembly. they provide reliable holding power and maintain alignment. supplied with eight clamping screws. rigid couplers l bore b d d bore a
66 tel: +44 (0)1992 509888 5 order code type bore d diameter d width w *forged clamp screw recommended max screw torque (nm) do not score the shaft easy installation & adjustment clamp type collars hug the shaft with an all around grip. effective on both hardened and plain shafts. collars other sizes available to special order one-piece collar d d w one-piece 3 16 9 m3 82.1 one-piece 5 16 9 m3 82.1 one-piece 6 16 9 m3 82.1 one-piece 8 18 9 m3 82.1 one-piece 10 24 9 m3 10 2.1 one-piece 12 28 11 m4 12 4.6 one-piece 14 30 11 m4 14 4.6 one-piece 15 34 13 m5 16 9.5 one-piece 16 34 13 m5 16 9.5 one-piece 18 36 13 m5 16 9.5 one-piece 20 40 15 m6 16 16 one-piece 25 45 15 m6 16 16 one-piece 30 54 15 m6 18 16 one-piece 35 57 15 m6 18 16 one-piece 40 60 15 m6 18 16 one-piece 45 73 19 m8 25 39 one-piece 50 78 19 m8 25 39 046 101 003 046 101 005 046 101 006 046 101 008 046 101 010 046 101 012 046 101 014 046 101 015 046 101 016 046 101 018 046 101 020 046 101 025 046 101 030 046 101 035 046 101 040 046 101 045 046 101 050 steel order code type bore d diameter d width w *forged clamp screw recommended max screw torque (nm) one-piece 3 16 9 m3 82.1 one-piece 5 16 9 m3 82.1 one-piece 6 16 9 m3 82.1 one-piece 8 18 9 m3 82.1 one-piece 10 24 9 m3 10 2.1 one-piece 12 28 11 m4 12 4.6 one-piece 14 30 11 m4 14 4.6 one-piece 15 34 13 m5 16 9.5 one-piece 16 34 13 m5 16 9.5 one-piece 18 36 13 m5 16 9.5 one-piece 20 40 15 m6 16 16 one-piece 25 45 15 m6 16 16 one-piece 30 54 15 m6 18 16 one-piece 35 57 15 m6 18 16 one-piece 40 60 15 m6 18 16 one-piece 45 73 19 m8 25 39 one-piece 50 78 19 m8 25 39 046 102 003 046 102 005 046 102 006 046 102 008 046 102 010 046 102 012 046 102 014 046 102 015 046 102 016 046 102 018 046 102 020 046 102 025 046 102 030 046 102 035 046 102 040 046 102 045 046 102 050 stainless steel
order code type bore d diameter d width w *forged clamp screw recommended max screw torque (nm) 046 201 003 046 201 005 046 201 006 046 201 008 046 201 010 046 201 012 046 201 014 046 201 015 046 201 016 046 201 018 046 201 020 046 201 025 046 201 030 046 201 035 046 201 040 046 201 045 046 201 050 stainless steel 67 fax: +44 (0)1992 509890 5 other sizes available to special order order code type bore d diameter d width w *forged clamp screw recommended max screw torque (nm) do not score the shaft easy installation & adjustment clamp type collars hug the shaft with an all around grip. effective on both hardened and plain shafts. easily installed or removed without machine disassembly. collars two-piece collar d d w two-piece 3 16 9 m3 82.1 two-piece 5 16 9 m3 82.1 two-piece 6 16 9 m3 82.1 two-piece 8 18 9 m3 82.1 two-piece 10 24 9 m3 10 2.1 two-piece 12 28 11 m4 12 4.6 two-piece 14 30 11 m4 14 4.6 two-piece 15 34 13 m5 16 9.5 two-piece 16 34 13 m5 16 9.5 two-piece 18 36 13 m5 16 9.5 two-piece 20 40 15 m6 16 16 two-piece 25 45 15 m6 16 16 two-piece 30 54 15 m6 18 16 two-piece 35 57 15 m6 18 16 two-piece 40 60 15 m6 18 16 two-piece 45 73 19 m8 25 39 two-piece 50 78 19 m8 25 39 046 201 003 046 201 005 046 201 006 046 201 008 046 201 010 046 201 012 046 201 014 046 201 015 046 201 016 046 201 018 046 201 020 046 201 025 046 201 030 046 201 035 046 201 040 046 201 045 046 201 050 two-piece 3 16 9 m3 82.1 two-piece 5 16 9 m3 82.1 two-piece 6 16 9 m3 82.1 two-piece 8 18 9 m3 82.1 two-piece 10 24 9 m3 10 2.1 two-piece 12 28 11 m4 12 4.6 two-piece 14 30 11 m4 14 4.6 two-piece 15 34 13 m5 16 9.5 two-piece 16 34 13 m5 16 9.5 two-piece 18 36 13 m5 16 9.5 two-piece 20 40 15 m6 16 16 two-piece 25 45 15 m6 16 16 two-piece 30 54 15 m6 18 16 two-piece 35 57 15 m6 18 16 two-piece 40 60 15 m6 18 16 two-piece 45 73 19 m8 25 39 two-piece 50 78 19 m8 25 39
68 tel: +44 (0)1992 509888 5 keyless shaft - hub connection ideal for heavy transmission reduced machining costs keyless shaft-hub connection eliminates play between the shaft and the hub distributes the power transmission on a limited area only. this allows savings in materials because the shaft diameters can be designed smaller, making these ideal for heavy transmissions, with overload or continuous reversing, or where angular synchronisation is required, with several hubs mounted on a single shaft. key: t s = screw tightening torque t = torque transmissible with tightening torque t s f = axial force transmissible with tightening torque t s p = hub surface pressure simple mounting and dismounting means easy and quick changing of the hubs fitted on the shaft; the high pressure between the contact surfaces helps avoid corrosion and, years after installation, allows a quick removal of the hub. clamping elements order code d d b l m ts (nm) t (nm) f (kn) p (n/mm 2 ) weight (kg) 109 615 520 109 615 522 109 615 524 109 615 525 109 615 528 109 615 530 109 615 532 109 615 535 109 615 538 109 615 540 109 615 542 109 615 545 109 615 548 109 615 550 20 47 20 26 m6 16 320 32 110 0.21 22 47 20 26 m6 16 340 32 110 0.20 24 50 20 26 m6 16 420 35 110 0.22 25 50 20 26 m6 16 430 34 110 0.22 28 55 20 26 m6 16 600 44 110 0.27 30 55 20 26 m6 16 650 44 110 0.25 32 60 20 26 m6 16 770 48 120 0.3 35 60 20 26 m6 16 830 48 120 0.29 38 65 20 26 m6 16 1110 56 140 0.33 40 65 20 26 m6 16 1150 58 140 0.32 42 75 24 32 m8 38 1800 86 150 0.56 45 75 24 32 m8 38 2000 90 160 0.53 48 80 24 32 m8 38 2100 90 150 0.59 50 80 24 32 m8 38 2200 90 150 0.56
69 fax: +44 (0)1992 509890 5 key: t s = screw tightening torque t = torque transmissible with tightening torque t s f = axial force transmissible with tightening torque t s p = hub surface pressure self-centering suitable for small and thin walled hubs eliminates keyways clamping elements order code d d d 1 ablm ts (nm) t (nm) f (kn) p (n/mm 2 ) weight (kg) 109 615 612 109 615 614 109 615 616 109 615 618 109 615 619 109 615 620 109 615 622 109 615 624 109 615 625 109 615 628 109 615 630 109 615 632 109 615 635 109 615 638 109 615 640 109 615 642 109 615 645 109 615 648 109 615 650 12 18 32 14 26 31 m4 5 60 10 105 0.14 14 23 38 14 26 31 m4 5 75 10 90 0.15 16 24 45 16 36 42 m6 17 145 18 120 0.22 18 26 47 18 38 44 m6 17 200 22 120 0.23 19 27 49 18 38 44 m6 17 210 22 120 0.25 20 28 49 18 38 44 m6 17 220 22 120 0.25 22 32 54 25 45 51 m6 17 250 22 120 0.32 24 34 56 25 45 51 m6 17 270 22 120 0.34 25 34 56 25 45 51 m6 17 280 22 120 0.33 28 39 61 25 45 51 m6 17 500 35 150 0.41 30 41 62 25 45 51 m6 17 530 35 150 0.41 32 43 65 30 50 56 m6 17 750 45 150 0.48 35 47 69 30 50 56 m6 17 850 48 140 0.55 38 50 72 30 50 56 m6 17 930 48 140 0.58 40 53 75 30 50 56 m6 17 980 48 130 0.63 42 55 78 40 65 73 m8 41 1000 48 130 0.88 45 59 85 40 65 73 m8 41 1900 84 130 1.03 48 62 87 45 70 78 m8 41 2000 84 130 0.98 50 65 92 45 70 78 m8 41 2700 110 140 1.27
70 tel: +44 (0)1992 509888 a a a a l l l l s s s s o o o o a a a a v v v v a a a a i i i i l l l l a a a a b b b b l l l l e e e e f f f f r r r r o o o o m m m m h h h h u u u u c c c c o o o o e e e e l l l l e e e e c c c c t t t t r r r r o o o o m m m m a a a a g g g g n n n n e e e e t t t t i i i i c c c c b b b b r r r r a a a a k k k k e e e e s s s s & & & & c c c c l l l l u u u u t t t t c c c c h h h h e e e e s s s s m m m m a a a a g g g g n n n n e e e e t t t t i i i i c c c c p p p p a a a a r r r r t t t t i i i i c c c c l l l l e e e e b b b b r r r r a a a a k k k k e e e e s s s s & & & & c c c c l l l l u u u u t t t t c c c c h h h h e e e e s s s s p p p p e e e e r r r r m m m m a a a a n n n n e e e e n n n n t t t t m m m m a a a a g g g g n n n n e e e e t t t t b b b b r r r r a a a a k k k k e e e e s s s s c c c c a a a a l l l l l l l l f f f f o o o o r r r r m m m m o o o o r r r r e e e e i i i i n n n n f f f f o o o o r r r r m m m m a a a a t t t t i i i i o o o o n n n n o o o o r r r r c c c c a a a a t t t t a a a a l l l l o o o o g g g g u u u u e e e e o o o o n n n n + + + + 4 4 4 4 4 4 4 4 ( ( ( ( 0 0 0 0 ) ) ) ) 1 1 1 1 9 9 9 9 9 9 9 9 2 2 2 2 5 5 5 5 0 0 0 0 9 9 9 9 8 8 8 8 8 8 8 8 8 8 8 8


▲Up To Search▲   

 
Price & Availability of 046515252FAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X